PART |
Description |
Maker |
IDT74FCT521ASO IDT74FCT521ASOB IDT74FCT521B IDT74F |
FAST CMOS 8-BIT IDENTITY COMPARATOR
|
IDT[Integrated Device Technology]
|
PI74FCT162240T PI74FCT16240T PI74FCT162H240T PI74F |
Fast CMOS address/clock driver Fast CMOS 16-Bit Buffer /Line Drivers
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corpo...
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
SAB80C166-3S SAB80C166-S Q67120-C493 |
HIGH-PERFORMANCE 16-BIT CMOS SINGLE-CHIP MICROCONTROLLERS FOR EMBEDDED CONTROL APPLICATIONS High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125
|
Siemens Semiconductor Group SIEMENS AG
|
74ACT520CW |
8-Bit Identity Comparator
|
Fairchild Semiconductor
|
MC5474F521 |
8-BIT IDENTITY COMPARATOR
|
Motorola, Inc
|
74AC520PC 74ACT520PC |
8-Bit Identity Comparator
|
Fairchild Semiconductor
|
MB814100A-80 MB814100A-60 MB814100A-70 |
CMOS 4 M ×1 BIT
Fast Page Mode DRAM(CMOS 4M ×1 位快速页面存取模式动态RAM)
|
Fujitsu Limited
|
MB814260-70 MB814260-60 |
CMOS 256K ×16 BIT
FAST PAGE MODE DYNAMIC RAM(CMOS 256K ×16 位快速页面存取模式动态RAM) CMOS 256K ×16 BIT FAST PAGE MODE DYNAMIC RAM(CMOS 256K ×16 位快速页面存取模式动态RAM) 的CMOS 256K × 16位快速页面模式的动态随机存储器(的CMOS 256K × 16位快速页面存取模式动态内存) CMOS 256K ?16 BIT FAST PAGE MODE DYNAMIC RAM(CMOS 256K ?16 浣?揩??〉?㈠???ā寮????AM)
|
Fujitsu Limited Fujitsu, Ltd.
|
74AC520 74ACT520 74AC520PC 74AC520SC 74ACT520SJ 74 |
From old datasheet system 8-Bit Identity Comparator
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MSA20 74F521 74F521MSA 74F521PC 74F521SC 74F521SJ |
8-Bit Identity Comparator From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|